PART |
Description |
Maker |
L562/PCB/2.5A L562/PCB/4A L562/PCB/1A L562/PCB/100 |
FAST BLOW ELECTRIC FUSE, 2.5A, 150VAC, 150VDC, 35A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 4A, 60VAC, 60VDC, 40A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 1A, 150VAC, 200VDC, 35A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 0.1A, 250VAC, 900VDC, 35A (IR), INLINE/HOLDER
|
Dialight Europe, Ltd. DIALIGHT BLP COMPONENTS LTD
|
7010.9900.57 7010.9903.03 7010.9901.55 7010.9902.0 |
VERY FAST BLOW ELECTRIC FUSE, 0.063A, 125VAC, 125VDC, 300A (IR), SURFACE MOUNT VERY FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 125VDC, 300A (IR), SURFACE MOUNT VERY FAST BLOW ELECTRIC FUSE, 0.125A, 125VAC, 125VDC, 300A (IR), SURFACE MOUNT VERY FAST BLOW ELECTRIC FUSE, 0.25A, 125VAC, 125VDC, 300A (IR), SURFACE MOUNT
|
SCHURTER INC
|
L15S200 L60S800 KLA50 |
FAST BLOW ELECTRIC FUSE, 200A, 150VAC, 100VDC, 100000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 800A, 600VAC, 200000A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 50A, 150VAC, 150VDC, 100000A (IR), INLINE/HOLDER
|
|
2060.0010.24 2060.0010.11 |
FAST BLOW ELECTRIC FUSE, 1.25A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT
|
SCHURTER INC
|
3404.0044.XX 3404.0019.XX 3404.0014.XX 3404.0043.X |
FAST BLOW ELECTRIC FUSE, 6.3A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT FUSE, SMD, 125V, 8A; Current, fuse rating:8A; Voltage rating, AC:125V; Fuse type, blowing characteristic:Quick Acting F RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
|
SCHURTER AG Schurter Inc.
|
LPN-RK-100SP LPN-RK-110SP LPN-RK-125SP LPN-RK-150S |
TIME DELAY BLOW ELECTRIC FUSE, 450A, 250VAC, 250VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 400A, 250VAC, 250VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 100A, 250VAC, 250VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 110A, 250VAC, 250VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 150A, 250VAC, 250VDC, 300000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 125A, 250VAC, 250VDC, 300000A (IR), INLINE/HOLDER Dual-Element Time-Delay Fuses Class RK1-250 Volts AC/DC
|
http:// Cooper Bussmann, Inc.
|
AGC-V-5 AGC-V-8 AGC-V-1/2 AGC-V-10 |
Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:AGC-V RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 5A, 250VAC, 200A (IR), THROUGH HOLE Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:AGC-V RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 200A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 0.5A, 250VAC, 35A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
LA30QS60-4 LA30QS50-4 LA30QS40-4 LA30QS35-4 LA30QS |
VERY FAST BLOW ELECTRIC FUSE, 80A, 300VAC, 300VDC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 700A, 300VAC, 300VDC, 200000A (IR), INLINE/HOLDER Special Purpose Fuses
|
Littelfuse
|
TR2/1025FA5-R TR2/1025FA3.5-R |
FAST BLOW ELECTRIC FUSE, 5A, 250VAC, 125VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 3.5A, 250VAC, 125VDC, 50A (IR), SURFACE MOUNT Brick?Fuses 1025FA Series, Fast-Acting
|
COOPER INDUSTRIES Cooper Bussmann, Inc.
|
AGU-2 AGU-20 AGU-25 AGU-50 AGU-30 AGU-15 AGU-40 AG |
Fuse 保险 FAST BLOW ELECTRIC FUSE, 30A, 32VAC, INLINE/HOLDER
|
SIEMENS AG COOPER INDUSTRIES
|
|